PART |
Description |
Maker |
TC5564 |
8192 WORD X 8 BIT CMOS STATIC RAM
|
Toshiba Semiconductor
|
UPD4464 UPD4464C-12 UPD4464C-12L UPD4464C-15 UPD44 |
8192 x 8 Bit Static CMOS RAM 8,192 X 8 - BIT STATIC CMOS RAM
|
NEC
|
MAQ9264C70CB MAQ9264C70CC MAQ9264C70CE MAQ9264C70C |
Radiation hard 8192 x 8 bit static RAM
|
Dynex Semiconductor
|
KM684000 KIM684000L-8L KIM684000-10 KIM684000-5 KI |
512Kx8 bit CMOS static RAM, 85ns, low power 512Kx8 bit CMOS static RAM, 100ns, low power 524/ 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM PT 16C 16#16 PIN PLUG 524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 52488字8位高速CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
M5M5W816TP-55HI M5M5W816TP-85HI M5M5W816TP-70HI |
Memory>Low Power SRAM (M5M5W816TP-55HI/70HI/85HI) CMOS STATIC RAM 8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
|
Mitsubishi Electric Semiconductor RENESAS[Renesas Electronics Corporation]
|
TC55V16648BBFT-10 TC55V16648BBFT-12 TC55V16648BBFT |
65,536-WORD BY 16-BIT CMOS STATIC RAM 65,536字由16位的CMOS静态RAM MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 65,536-WORD BY 16 BIT CMOS STATIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
K6R1016C1D-JECII10/12 K6R1016V1D-JTICI08/10 K6R101 |
64K*16 bit high-speed CMOS static RAM operated at commercial and industrial temperature ranges 128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating) Data Sheet 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 在商业和工业温度范围运作64Kx16位高速CMOS静态RAM3.3V的) 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 64Kx16位高速CMOS静态RAM.3V的)在商业和工业温度范围操作
|
Samsung Electronic Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
NMC27C64N |
65,536-BIT (8192 X 8) CMOS EPROM 65,536位(8192 × 8)的CMOS存储
|
Fairchild Semiconductor, Corp.
|
M5M51008CFP M5M51008CKR-55 M5M51008CKR-55X M5M5100 |
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静RAM Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|